PART |
Description |
Maker |
PIC16F87X01 P16F877 PIC16LF873 PIC16F876-20I/SOD85 |
8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SO-28 (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers DMOS MICROSTEPPING DRVR W/TRANSLATOR 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP44
|
HIROSE ELECTRIC Co., Ltd. Microchip Technology Inc. http://
|
ATMEGA48PA-CCU ATMEGA48PA-CCUR ATMEGA168PA-MU ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA32 4 X 4 MM, 0.60 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, UFBGA-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC32 5 X 5 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VHHD-2, MLF-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, GREEN, PLASTIC, DIP-28 MCU AVR 8K ISP FLASH MEM 28-DIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP28
|
Atmel, Corp. ATMEL CORP
|
UPD70F3134AF1-EN4 UPD70F3134AYF1-EN4 UPD70F3134AF1 |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 13 X 13 MM, PLASTIC, FBGA-161 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 20 X 20 MM, LEAD FREE, PLASTIC, LQFP-144 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144 32-BIT, MROM, 80 MHz, RISC MICROCONTROLLER, PBGA161
|
NEC, Corp.
|
ATA6613P-PLPW AT90CAN128-16AN AT89C51CC01CA-RLTUM |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC48 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, OTPROM, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT, FLASH, RISC MICROCONTROLLER, PDIP8
|
ATMEL CORP
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
ATMEGA644P-A15MZ ATMEGA324P-A15MZ ATMEGA164P-A15MZ |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 0.50 MM PITCH, GREEN, MO-220WKKD-1, QFN-44 MCU AVR 32KB FLASH 15MHZ 44QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC44 Nonvolatile Program and Data Memories
|
Atmel, Corp. ATMEL Corporation
|
DSPIC30F3014CT-30I/PT DSPIC30F3014AT-30I/PT DSPIC3 |
16-BIT, FLASH, 30 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, LEAD FREE, PLASTIC, TQFP-44 16-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC44
|
Microchip Technology, Inc.
|
ATTINY24A-MFR ATMEGA8-16ANR ATMEGA8-16AU ATMEGA8-1 |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC20 8-bit Atmel with 8KBytes In-System PRogrammable Flash High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
|
ATMEL CORP ATMEL Corporation
|
ATTINY12L-4SC ATTINY11-6PC ATTINY11-6PI ATTINY11-6 |
Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:20-3 RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight ER 4C 4#12 PIN RECP 8-bit AVR Microcontroller with 1K Byte Flash 8-BIT, FLASH, 2 MHz, RISC MICROCONTROLLER, PDIP8 8-bit AVR Microcontroller with 1K Byte Flash 8-BIT, FLASH, 2 MHz, RISC MICROCONTROLLER, PDSO8 ER 4C 2#16 2#8 SKT RECP BOX 8位AVR微控制器,带K字节闪存 ER 4C 2#16 2#8 SKT RECP BOX 8-BIT, FLASH, 6 MHz, RISC MICROCONTROLLER, PDIP8
|
Atmel Corp. Atmel, Corp.
|
|